Part Number Hot Search : 
B100WHF CH480YPT SM4023 175T48 LB501 78024AP FN1888 PH310
Product Description
Full Text Search
 

To Download SB2045FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB2045FCT
SCHOTTKY BARRIER RECTIFIER
VOLTAGE: 45V CURRENT: 20.0A
FEATURE
High current capability, Low forward voltage drop Low power loss, high efficiency High surge capability High temperature soldering guaranteed 250 /10sec/0.375" lead length at 5 lbs tension C
ITO-220AB
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: Common Cathode Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current at Tc=135 C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load per leg Maximum Forward Voltage per leg and 25C at 10A Maximum Reverse Current per leg at working peak reverse voltage Typical Thermal Resistance per leg Operating Junction and Storage Temperature Ramge
Note: 1.Thermal Resistance from Junction to Case
SB2045FCT
45 31.5 45 20 180 0.57
units
V V V A A V mA /W C
Vrrm Vrms Vdc If(av) Ifsm Vf Tj =25 Tj =125 (Note 1) Ir Rth(jc) Tj Tstg
0.1 15.0
5.0 -65 to +175
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SB2045FCT
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of SB2045FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X